Part Number Hot Search : 
BZV55C BTA06 MCP654 HPI6FER2 1N652 AT91SAM9 LA38B A21Q01
Product Description
Full Text Search
 

To Download NTE2404N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2404 (NPN) & NTE2405 (PNP) Silicon Complementary Transistors Darlington, General Purpose
Description: The NTE2404 (NPN) and NTE2405 (PNP) are silicon complementary Darlington transistors in an SOT-23 type surface mount case designed for general-purpose applications. Absolute Maximum Ratings: Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mA Peak . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 800mA Base Current, IB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA Total Power Dissipation (TA = +25C, Note 1), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 350mW Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Thermal Resistance, Junction to Ambient (Note 1), RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . 350K/W Note 1. Mounted on a ceramic substrate of .590 (15mm) x .590 (15mm) x .027 (0.7mm). Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Collector-Base Current Emitter-Base Current Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current Gain Symbol ICBO IEBO Test Conditions VCBO = 30V VEB = 10V Min - - 30 40 10 - - 4000 10000 20000 - - Typ - - - - - - - - - - 220 3.5 Max 100 100 - - - 1 1.5 - - - - - MHz pF Unit nA nA V V V V V
V(BR)CEO IC = 10mA V(BR)CBO IC = 10A V(BR)EBO IE = 100nA VCE(sat) VBE(sat) hFE IC = 100mA, IB = 0.1mA IC = 100mA, IB = 0.1mA IC = 1mA, VCE = 5V IC = 10mA, VCE = 5V IC = 100mA, VCE = 5V
Transition Frequency Collector Capacitance
fT Cc
IC = 30mA, VCE = 5V, f = 100MHz IE = 0, VCB = 30V
Schematic Diagram
C B B
C
E
E
NPN
PNP
.016 (0.48)
C B E
.098 (2.5) Max
.037 (0.95) .074 (1.9) .118 (3.0) Max .051 (1.3)
.043 (1.1)
.007 (0.2)


▲Up To Search▲   

 
Price & Availability of NTE2404N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X